PART |
Description |
Maker |
DSC-644-H-3-R DSC-644-6-1-R DSC-644-H-1-R DSC-644- |
Digital-to-Synchro Converter 数字到同步器 Digital-to-Resolver Converter
|
Data Device, Corp.
|
SDC-361 SDC362 SDC361 |
(SDC-361 / SDC-362) 16-Bit 2 Speed Synchro to Digital and Resolver to Digital Converter (SDC361 / SDC362) 16-Bit 2 Speed Synchro to Digital and Resolver to Digital Converter
|
DDC
|
SDC1767412 SDC1767411 RDC1767411 SDC1767 RDC1767 S |
14-Bit Synchro-to-Digital Converter 12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS 12 -14 -位混合同分解数字转换 SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, MDMA32
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
CS4330-BS CS4330-KS CS4333-KS CS4331-KS CS4331-BS |
8 Pin Stereo D/A Converter for Digital Audio SERIAL INPUT LOADING, 18-BIT DAC, PDSO8 8 Pin Stereo D/A Converter for Digital Audio 8引脚立体声D / A的数字音频转换器
|
Cirrus Logic, Inc. CRYSTAL SEMICONDUCTOR CORP
|
TC14433AEJG TC14433EJG TC14433ELI TC14433EPG TC144 |
The TC14433 is a low power,high-performance, monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter pro The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter prov 3-1/2 Digital / Analog-to-Digital Converter 3-1/2 Digit, Analog-to-Digital Converter The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital ...
|
MICROCHIP[Microchip Technology]
|
TDA8761 TDA8761M |
9-bit analog-to-digital converter for digital video
|
NXP Semiconductors
|
HAS-1409 HAS-1409AKM HAS-1409KM |
14-bit, 125kHz analog-to-digital converter 14 BIT 125 KHZ ANALOG TO DIGITAL CONVERTER
|
AD[Analog Devices] Analog Devices, Inc.
|
TC818 TC818A TC818ACBU |
The TC818A is an integrating analog-to-digital converter (ADC)with a 3-1/2 digit numeric LCD driver,automatic ranging,and single 9V battery operation.The numeric display provides 0.05%resolution and a full set of annunciators that spell ou Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
|
MICROCHIP[Microchip Technology]
|
TC1321 TC1321EUA TC1321EOA TC1321EOATR TC1321EUATR |
The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply tha 10-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
ADS1000A0IDBVRG4 ANALOGDEVICESINC.-ADS1000A1IDBVR |
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2CINTERFACE 低功耗,12位模拟数字转换接口的I2C LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
|
Analog Devices, Inc.
|
DAC347LPC-10-G DAC347LPC-10-U DAC347LPC-10-B DAC34 |
10-Bit Digital-to-Analog Converter 10位数字到模拟转换 12-Bit Digital-to-Analog Converter 12位数字到模拟转换
|
Linear Technology, Corp.
|